Part Number Hot Search : 
MAX81405 P328G EHS2Z1 MAX815N EHS2Z1 MC20A PQ100 S2000
Product Description
Full Text Search
 

To Download MJE3055 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MJE2955T MJE3055T
COMPLEMENTARY SILICON POWER TRANSISTORS
s s
SGS-THOMSON PREFERRED SALESTYPES COMPLEMENTARY PNP - NPN DEVICES
DESCRIPTION The MJE3055T is a silicon epitaxial-base NPN transistor in Jedec TO-220 package. It is intended for power switching circuits and general-purpose amplifiers. The complementary PNP type is MJE2955T.
1
3 2
TO-220
INTERNAL SCHEMATIC DIAGRAM
ABSOLUTE MAXIMUM RATINGS
Symbol V CEO V CBO V EBO IC IB P tot T stg Tj Parameter Collector-Emitter Voltage (I B = 0) Collector-Base Voltage (I E = 0) Emitter-Base Voltage (I C = 0) Collector Current Base Current Total Power Dissipation at T case 25 o C Storage Temperature Max. Operating Junction Temperature Value 60 70 5 10 6 75 -55 to 150 150 Unit V V V A A W
o o
C C
For PNP types voltage and current values are negative.
June 1997
1/4
MJE2955T / MJE3055T
THERMAL DATA
R thj-case Thermal Resistance Junction-case Max 1.66
o
C/W
ELECTRICAL CHARACTERISTICS (Tcase = 25 oC unless otherwise specified)
Symbol I CEO I CEX I CBO I EBO Parameter Collector Cut-off Current (I B = 0) Collector Cut-off Current (V BE = 1.5V) Collector Cut-off Current (I E = 0) Emitter Cut-off Current (I C = 0) Test Conditions V CE = 30 V V CE = 70 V T CASE = 150 o C V CBO = 70 V T CASE = 150 o C V EBO = 5 V I C = 200 mA IC = 4 A I C = 10 A IC = 4 A IC = 4 A I C = 10 A I C = 500 mA f = 500 KHz I B = 0.4 A I B = 3.3 A V CE = 4 V V CE = 4 V V CE = 4 V V CE = 10 V 20 5 2 60 1.1 8 1.8 70 MHz Min. Typ. Max. 700 1 5 1 10 5 Unit A mA mA mA mA mA V V V V
V CEO(sus) Collector-Emitter Sustaining Voltage V CE(sat) V BE(on) h FE fT Collector-Emitter Sustaining Voltage Base-Emitter on Voltage DC Current Gain Transistor Frequency
Pulsed: Pulse duration = 300s, duty cycle 2 % For PNP type voltage and current values are negative.
2/4
MJE2955T / MJE3055T
TO-220 MECHANICAL DATA
DIM. MIN. A C D D1 E F F1 F2 G G1 H2 L2 L4 L5 L6 L7 L9 DIA. 13.0 2.65 15.25 6.2 3.5 3.75 0.49 0.61 1.14 1.14 4.95 2.4 10.0 16.4 14.0 2.95 15.75 6.6 3.93 3.85 0.511 0.104 0.600 0.244 0.137 0.147 4.40 1.23 2.40 1.27 0.70 0.88 1.70 1.70 5.15 2.7 10.40 0.019 0.024 0.044 0.044 0.194 0.094 0.393 0.645 0.551 0.116 0.620 0.260 0.154 0.151 mm TYP. MAX. 4.60 1.32 2.72 MIN. 0.173 0.048 0.094 0.050 0.027 0.034 0.067 0.067 0.203 0.106 0.409 inch TYP. MAX. 0.181 0.051 0.107
A
C
D1
L2
F1
D
G1
E
Dia. L5 L7 L6 L4
P011C
L9
F2
F
G
H2
3/4
MJE2955T / MJE3055T
Information furnished is believed to be accurate and reliable. However, SGS-THOMSON Microelectronics assumes no responsability for the consequences of use of such information nor for any infringement of patents or other rights of third parties which may results from its use. No license is granted by implication or otherwise under any patent or patent rights of SGS-THOMSON Microelectronics. Specifications mentioned in this publication are subject to change without notice. This publication supersedes and replaces all information previously supplied. SGS-THOMSON Microelectronics products are not authorized for use as critical components in life support devices or systems without express written approval of SGS-THOMSON Microelectonics. (c) 1997 SGS-THOMSON Microelectronics - Printed in Italy - All Rights Reserved SGS-THOMSON Microelectronics GROUP OF COMPANIES Australia - Brazil - Canada - China - France - Germany - Hong Kong - Italy - Japan - Korea - Malaysia - Malta - Morocco - The Netherlands Singapore - Spain - Sweden - Switzerland - Taiwan - Thailand - United Kingdom - U.S.A ...
4/4


▲Up To Search▲   

 
Price & Availability of MJE3055

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X